Part Number Hot Search : 
MAXIM S4025R 1002F SC190 C9835CY GP2021 MP6TP MAXIM
Product Description
Full Text Search
 

To Download 40903034001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power PCB Relay 409
1 pole 10 A, 2 pole 8 A
Features
* * * * 1 C/O or 1 N/O contact, 10 / 16 A Pinning 3,5 or 5 mm 2 C/O contacts ( 409 03 ) 4 kV / 8 mm coil-contact ( 409 07 )
Applications Power supplies, domestic appliances, heating controls
F0249-A
Technical data of approved types on request
Z
(409 07 only)
Contact data
Configuration Type of contact Rated current pinning 3.5/5 mm Rated voltage / max.breaking voltage AC Max. breaking voltage DC Maximum breaking capacity AC Make current (max. 4 s at duty cycle 10%) peak inrush current 20 ms Contact material Contact ratings Type Load 409 03 8 A, 250 Vac, resistive 409 04 10 A, 250 Vac, resistive 409 06 16 A, 250 Vac, resistive 409 07 16 A, 250 Vac, resistive 1 C/O 10/16 A 4000 VA 20 A 20 A 1 N/O single contact 10/16 A 250 Vac / 400 Vac 250 Vdc 4000 / 2500 VA 20 / 12 A 20 / 16 A AgCdO 2 C/O -/8 A 2000 VA 10 A 16 A
Operations 2x105 2x105 2x105 2x105
Coil data
Nominal voltage Nominal coil power Operate category DC coil DC coil 2.5...110 Vdc 0.6...0.8 W c
Coil versions DC-coil Coil Nominal Pull-in Release Maximum Coil Coil code voltage voltage voltage voltage resistance current Vdc Vdc Vdc Vdc c mA 034 6 3.9 0.45 7.4 43+10% 140.0 030 12 9.6 0.9 19.1 285+10% 42.0 028 24 16.3 1.8 31.0 720+10% 33.0 027 24 18.0 1.8 34.0 880+15% 27.0 024 48 34.5 3.6 60.6 2700+15% 18.0 023 60 41.0 4.5 77.8 4400+15% 14.0 021 100 64.0 7.5 117.7 10400+15% 9.6 All figures are given for coil without preenergization, at ambient temperature +20C Other coil voltages on request
Edition: 01/2004
Power PCB Relay 409
1 pole 10 A, 2 pole 8
Insulation
Dielectric strength coil-contacts open contact circuit 2500 Vrms Clearance / creepage Insulation to VDE 0110b (2/79) Insulation category / reference voltage Tracking resistance of relay base 4000 Vrms (40904/07) 1000 Vrms 4 mm 8 / 8 mm (40904/07) C / 250 PTI 250
Dimensions
View on solder pins Dimensions in mm
1 C/O, 2 C/O contacts
Other data
Flammability class according to UL 94 Coll insulation system according to UL 1446 Ambient temperature DC-coil Mechanical life DC-coil Max. switching rate at rated- / minimum load Operate- / release time Bounce time Vibration resistance Shock resistance (destruction) Category of protection (IEC 61810) Relay weight Packaging unit V-0 F -20...+70 C 30x106 operations 15 min-1 / 1200 min-1 typ. 10 / 3 ms typ. 3 ms 20 g (30...300 Hz) 100 g RT II - flux proof 15 g 25 / 250 pcs.
S0273-AK
1 N/O contact
PCB layout / terminal assignment
1 C/O / N/O contact, 5 mm 1 N/O contact, 3.5 mm 2 C/O contacts, 5 mm
S0273-AI
S0468-AH
S0468-AT
S0468-AH
1 C/O contact
S0468-AC
S0468-AS
S0468-AJ
S0468-AA
Edition: 01/2004
Rights to change data / design reserved
1 N/O contact


▲Up To Search▲   

 
Price & Availability of 40903034001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X